Part Number Hot Search : 
HD74AL SK033 SMDA12C SCHIP 03455104 3225X EB51F2 BT138S
Product Description
Full Text Search
 

To Download NA-320R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 18 NA-320R 1u rackmount network appliance platform with intel ? atom? processor d510 and 6 lans low power and high performance intel ? atom? processor d510 1.66 ghz with 1m l2 cache and intel ? ich8m pch chipset supports 6 10/100/1000mbps ethernet ports (intel ? 82583v is default) supports bios redirected to com port supports two 2.5" sata hdd suitable for vpn, network bandwidth controller, frewall applications supports intel hyper-threading technology ordering information packing list dimensions specifcations features rear view front view system cpu intel ? atom? processor d510 1.66 ghz with 1m l2 cache chipset intel ? ich8m pch chipset memory 1 x ddr2 667 (single channel) so-dimm max. up to 2 gb (unbuffered non-ecc) bios ami 16mbit pnp flash bios with function of bios redirected to com port hdd interface 2 x 2.5" sata2 hdd or 1 x 3.5" sata2 hdd (optional) network interface 6 x 10/100/1000mbps ethernet (intel 82583v (default), intel ? 82574l (optional)) ssd 1x compactflash? type ii i/o interface 1 x rs-232 (rj-type connector), 2 x usb connector, 6 x rj-45 connector watchdog timer 255 stepping for porting usb 2 x usb 2.0 port on front side, rest are internal pin headers expansion slot pcie mini card (usb transaction bus) other features lan bypass function through wdt and gpio pin control power supply 84w switching power supply (open frame) os compatibility linux redhat kernel 2.6 mechanical/ environmental form factor 1u rackmount led power, hdd, lan bypass, link/act with transfer rate operating temp. 0 ~ +45c (32f ~ 113f) storage temp. -20c ~ +70c (-4f ~ +158f) humidity 10% ~ 95% rh, non-condensing chassis material steel dimensions 44 mm (1.73") (h) x 430 mm (16.93") (w) x 248 mm (9.76") (d) weight (net/gross) 7 kg (15.43 lb)/8 kg (17.64 lb) certifcation ce class a standard NA-320R-r6gi-1.6g 1u rackmount network appliance with intel ? atom? processor d510 1.66 ghz and 6 10/100/1000mbps optional ck9a104 cable kit (p/n: 8816e320010e) 59416112100e cable db9 (m) - rj-45, l: 1.5m straight cable * specifcations and certifcations are based on options and may vary. ** recommend ordering optional cable kit with frst order. 2 x sata cable 1 x power cord 1 x utility cd (user's manual and driver) 1 x rj-45 to db9 (f) 1.8m console cable (rc) cross cable introduction the NA-320R is a 1u rackmountable network security hardware platform for vpn, frewall, utm and other network security applications. it supports low power intel ? atom? processor d510 1.66 ghz with intel ? ich8m pch chipset and a ddr2 667 memory up to 2 gb. for storing event log data, the NA-320R utilizes two 2.5" sata2 hdd or one 3.5" sata2 hdd (optional). to prevent problems from sudden shutdown, the platform supports one group of lan bypass function through wdt and gpio pin defnitions. meantime, the mini card is for wifi wireless card installation.


▲Up To Search▲   

 
Price & Availability of NA-320R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X